|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY Part Number: TC12-11GWA Green Features 1.2 INCH MATRIX HEIGHT. DOT SIZE 3mm. LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. COMPATIBLE WITH ASCII AND EBCDIC CODES. COLUMN CATHODE AND COLUMN ANODE AVAILABLE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE DOT. RoHS COMPLIANT. Description The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. Package Dimensions& Internal Circuit Diagram Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice. SPEC NO: DSAB1276 APPROVED: WYNEC REV NO: V.10 CHECKED: Joe Lee DATE: MAY/24/2007 DRAWN: Y.L.LI PAGE: 1 OF 4 ERP: 1332000496 Selection Guide Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. TC12-11GWA Green (GaP) WHITE DIFFUSED 4700 Typ. 19000 Column Cathode Description Note: 1. Luminous intensity/ luminous Flux: +/-15%. Electrical / Optical Characteristics at TA=25C Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V. Absolute Maximum Ratings at TA=25C Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature[2] Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. Green 62.5 25 140 5 -40C To +85C 260C For 3-5 Seconds Units mW mA mA V SPEC NO: DSAB1276 APPROVED: WYNEC REV NO: V.10 CHECKED: Joe Lee DATE: MAY/24/2007 DRAWN: Y.L.LI PAGE: 2 OF 4 ERP: 1332000496 Green TC12-11GWA SPEC NO: DSAB1276 APPROVED: WYNEC REV NO: V.10 CHECKED: Joe Lee DATE: MAY/24/2007 DRAWN: Y.L.LI PAGE: 3 OF 4 ERP: 1332000496 PACKING & LABEL SPECIFICATIONS TC12-11GWA SPEC NO: DSAB1276 APPROVED: WYNEC REV NO: V.10 CHECKED: Joe Lee DATE: MAY/24/2007 DRAWN: Y.L.LI PAGE: 4 OF 4 ERP: 1332000496 |
Price & Availability of TC12-11GWA |